PART |
Description |
Maker |
IDT71L024L70PZI IDT71L024 IDT71L024L100PZ IDT71L02 |
low power 3v cmos sram 1 meg (128k X 8-bit) 128K X 8 STANDARD SRAM, 100 ns, PDSO32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AS7C31025A-10TJI AS7C31025A-10JI AS7C31025A-10TJC |
Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 128K X 8 STANDARD SRAM, 10 ns, PDSO32 Parallel-Load 8-Bit Shift Registers 16-TVSOP -40 to 85 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor, Corp.
|
W24L011AQ-10 W24L011AQ-12 W24L011AQ-15 W24L011AT-1 |
128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TRANS PNP W/RES 60HFE NEW S TYPE 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No JT 55C 55#22M SKT PLUG HIGH SPEED SRAM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
62LV12816 IS62LV12816L-70TI IS62LV12816L-100B IS62 |
128K x 16 CMOS STATIC RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
IS61C1024AL-12KI IS61C1024AL-12TLI IS61C1024AL-12K |
128K x 8 HIGH-SPEED CMOS STATIC RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GLT6100L08LL-100ST GLT6100L08LL-100TS GLT6100L08LL |
100ns; Ultra low power 128k x 8 CMOS SRAM 55ns; Ultra low power 128k x 8 CMOS SRAM 70ns; Ultra low power 128k x 8 CMOS SRAM 85ns; Ultra low power 128k x 8 CMOS SRAM
|
G-LINK Technology
|
LP61L1024S-12 LP61L1024X-12 LP61L1024V-12 LP61L102 |
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM 128K的8.3V的高速低虚拟通道连接CMOS SRAM 128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM 128K的83.3V的高速低虚拟通道连接CMOS SRAM
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
IS61LV12816L-8T IS61LV12816L-10BLI IS61LV12816L-10 |
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PQFP44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 8 ns, PBGA48 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 8 ns, PDSO44 128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY 128K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|